Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download 2SB1429 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1429
DESCRIPTION With TO-3PL package Complement to type 2SD2155 APPLICATIONS Power amplifier applications Recommend for 100W high fidelity audio frequency amplifier output stage
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-3PL) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER

Collector-base voltage
IN
Collector-emitter voltage
Emitter-base voltage
ANG CH
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE -180 -180 -5 -15 -1.5
UNIT V V V A A W ae ae
Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae
150 150 -55~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-50mA ;IB=0 IC=-8A ;IB=-0.8A IC=-6A ; VCE=-5V VCB=-180V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-6A ; VCE=-5V IC=-1A ; VCE=-5V IE=0;f=1MHz;VCB=-10V 55 30 MIN -180
2SB1429
SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V
-3.0 -1.5 -5 -5 160 |I |I
V V A A
Collector output capacitance

O 80-160
10
MHz pF
hFE-1 classifications R 55-10
HAN INC
SEM GE
OND IC
TOR UC
340
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1429
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.50 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1429
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB1429

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X